Part Number Hot Search : 
P722M 48CTQ06 MN1511 SAA7115 1N5927A 18633857 TA4008F TA4008F
Product Description
Full Text Search
 

To Download DTA124ECA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  creat by art built-in bias resistors enable the configuration of an inverter circuit without connecting external input resistor (see equivalent circuit) the bias resistors consist of thin-film resistors with complete isolation to allow negative biasing of the input. they also have the advantage of almost completely eliminating parasitic effects. only the on/off conditions need to be set for operation, marking device design easy. green compound (halogen free) with suffix "g" on packing code and prefix "g" on date code. sot-723 15 note : detail please see "ordering information(detail, example)" below. maximum ratings and el ectrical characteristics ratin g at 25 o c ambient tem p erature unless otherwise s p ecified. maximum ratings em ee eua eca esa 100 150 300 mw v v ma o c note 1 valid provided that electrodes are kept at ambient temperature electrical characteristics min typ max units -0.5 -3 -0.3 v -0.36 ma -0.5 a 56 15.4 22 28.6 k ? 0.8 1 1.2 250 mhz -50 v condtion v cc = -5v, i o = -100 a v o = -0.2v, i o = -5ma marking v i =-5v v cc = -50v, v i =0 v o = -5v, i o = -5ma dta124 em/ee/eua/eca/es a small signal product value ordering information (example) features pnp small signal transistor packing code dta124 em packing 8k / 7" reel units package -30 200 part no. rm packing code (green) v o = -10v,i o = -5ma, f=100mhz i o(off) g i -40 ~ +10 - 55 to + 150 v in i o i o / i i = -10ma / -0.5ma equivalent circuit manufacture code m0 rmg version c13 parameter power dissipation supply voltage input voltage output current junction and storage temperature range symbol p d v cc r 2 /r 1 f t i i output current dc current gain input resistance resistance ratio input current transition frequency input voltage r1 t j , t stg v i(off) v i(on) v o(on) output voltage parameter symbol
orderin g information ( detail , exam p le ) sot-723 15 sot-523 15 sot-323 15 sot-23 15 to-92s sot-723 15 sot-523 15 sot-323 15 sot-23 15 to-92s dimensions min max min max a 3.90 4.10 0.15 0.16 b 3.05 3.25 0.12 0.13 c 15.10 15.50 0.59 0.61 d 0.35 0.48 0.01 0.02 e 1.42 1.62 0.06 0.06 f 0.66 0.86 0.03 0.03 g 0.36 0.51 0.01 0.02 to-92s dta124 eca 3k / 7" reel ru a3 dta124 ee 8k / 7" reel 3k / 7" reel rm 3k / 7" reel rn rv ru dta124 em rm rmg dta124 eua 3k / 7" reel rv rvg m0 unit(inch) dta124 ee 3k / 7" reel rn rug rug dta124 esa 3k / 7" reel a3 dim. unit(mm) version c13 m0 m0 packing code (green) a3g rmg rng rvg a3g small signal product dta124 esa 3k / 7" reel dta124 eua part no. package packing dta124 em 8k / 7" reel marking packing code note : manufacture special control, if empty means no special control requirement. dta124 eca 3k / 7" reel rng manufacture code (note) m0 m0
min max min max min max min max a 2.70 3.10 0.106 0.122 a 1.80 2.20 0.07 0.09 b 1.10 1.50 0.043 0.059 b 1.15 1.35 0.05 0.05 c 0.30 0.51 0.012 0.020 c 0.15 0.40 0.01 0.02 d 1.78 2.04 0.070 0.080 d 1.20 1.40 0.05 0.06 e 2.10 2.64 0.083 0.104 e 2.00 2.45 0.08 0.10 f 0.89 1.30 0.035 0.051 f 0.80 1.10 0.03 0.04 g h min max min max min max min max a 1.50 1.70 0.06 0.07 a 1.15 1.25 0.045 0.049 b 0.70 0.90 0.03 0.04 b 0.75 0.85 0.030 0.033 c 0.15 0.35 0.01 0.01 c 0.17 0.27 0.007 0.011 d 0.90 1.10 0.04 0.04 d e 1.45 1.75 0.06 0.07 e 1.15 1.25 0.045 0.049 f 0.62 0.95 0.02 0.04 f 0.43 0.55 0.017 0.022 g 0.15 0.25 0.006 0.010 dim. unit(mm) unit(inch) 0.1 ref 0.004 ref unit(inch) version : c13 0.80 typ. 0.031 typ. sot-723 dim. unit(mm) unit(inch) sot-323 small signal product sot-23 sot-523 dim. unit(inch) 0.550 ref 0.022 ref unit(mm) dim. unit(mm) b a c d g f e


▲Up To Search▲   

 
Price & Availability of DTA124ECA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X